Part Number Hot Search : 
AD7878LN 35ACP PTCR0805 00201 5KE68A ACE1501 DL2SLG PC3H7
Product Description
Full Text Search
 

To Download AWT6102M2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AWT6102M2
EGSM/DCS/PCS Triple Band Power Amplifier Module
Advanced Product Information Rev. 2
FEATURES * * * * * * * * * * * * * InGaP HBT Technology High Efficiency 55% GSM High Efficiency 50% DCS High Efficiency 45% PCS Low Leakage Current ( <10A) SMT Module Package Small Foot Print (9.2mm X 11.6mm) Low Profile (1.55 mm) 50 Input and Output Matching Minimum Number of External Components APPLICATIONS GSM/DCS Dual Band Handsets GSM/PCS Dual Band Handsets GSM/DCS/PCS Triple Band Handsets
9x11.6 mm MCM Module Package
Description The AWT6102 is a 3.5V power amplifier module for use in dual Mode GSM/DCS/PCS wireless handsets and communication systems. Absolute Minimum and Maximum Ratings
SIGNAL Supply Voltage (Vcc ) Input Power (RF IN) Control Voltage (V APC ) Storage Temperature (TSTG ) Operating Temperature (TC) -55 -25 MIN MAX +7 +15 + 4.3V 150 85 UNITS V dBm V C C
AWT6102M2
Electrical Specifications EGSM: (Unless otherwise specified: Vcc = 3.2V, Z = Z =50 System, TC = 25 C, pulsed operation with
IN OUT
577sec pulse width and 12.5% duty cycle)
PARAMETER Frequency Supply Voltage Control Voltage Range Power Control Current Input Power Output Power Power Added Efficiency Degraded Output Power VC C =2.9 V, VAPC = 2.4V, PIN = 8dBm, TC= 85 C Isolation VA P C = 0.2V, PIN = 10 dBm Harmonics (1) 2 nd 3 rd 3fo to 12.750 GHz Stability: Load 8:1 VSWR All phase angles Ruggedness: PIN = 12 dBm, VS U P=4.5V, VAPC= 0.2 - 2.8V Leakage Current VA P C=0V, VC C = 4.5V No input power Noise Power 925 to 935 MHz 935 to 960 MHz Switching Time VA P C on to 90% detected POUT Input VSWR Output VSWR 10 SYMBOL fo VCC VAPC IA P C P IN POUT PAE 50 32 8 10 34.5 55 MIN 880 2.9 0.2 TYP 3.2 2.0 MAX 915 4.5 2.7 1 12 UNITS MHz V V mA dBm dBm % dBm
-25 -
-35 -12 -15 -7 -7 -7 -70 10:1 VSWR All Phases -
dBm dBm dBm dBm dBc
-
-
A
-72 -84 2 2:1 2:1
dBm/100 KHz dBm/100 KHz
sec
2
AWT6102M2
Electrical Specifications DCS/PCS: (Unless otherwise specified: Vcc = 3.2V, Z = Z =50 System, TC = 25 C, pulsed operation with
IN OUT
577sec pulse width and 12.5% duty cycle)
PARAMETER Frequency DCS Frequency PCS Supply Voltage Control Voltage Range Power Control Current Input Power Output Power DCS Output Power PCS Power Added Efficiency (DCS) Power Added Efficiency (PCS) Degraded Output Power (DCS/PCS) VC C =2.9 V, V APC = 2.4V, PIN = 6dBm, TC = 85 C Isolation VA P C = 0.2V, PIN = 10 dBm Harmonics ( 1 ) 2 nd 3 rd 3fo to 12.750 GHz Stability: Load 8:1 VSWR All phase angles Ruggedness: P IN = 10 dBm, VS U P=4.5V, V APC = 0.2 - 2.8V Leakage Current VA P C=0V, VC C = 4.5V No input power Noise Power 20 MHz offset Switching Time VA P C on to 90% detected P OUT Input VSWR Output VSWR 10 SYMBOL fo fo VC C VA P C IAPC PIN POUT POUT PAE PAE 45 TBD 29.5 6 8 31.5 TBD 50 TBD MIN 1710 1850 2.9 0.2 TYP 3.2 2.0 MAX 1785 1910 4.5 2.7 1 10 UNITS MHz MHz V V mA dBm dBm dBm % % dBm
-30 -
-35 -12 -15 -7 -7 -7 -70 10:1 VSWR All Phases -
dBm dBm dBm dBm dBc
-
-
A
-76 2 2:1 2:1
dBm/100 KHz
sec
3
AWT6102M2
Schematic
1
33 pF / PCS / PCS
68 pF
A
B
Pin 1 2 3 4 5 6 7 8
Name GND DCS/PCS GND EGSM PIN GND VCC A GND VCC B
Description Ground DCS/PCS RF Input Signal Ground GSM RF Input Signal Ground Supply Voltage Ground Supply Voltage
Pin 9 10 11 12 13 14 15 16
Name GND EGSM P OUT GND DCS/PCS GND VAPC GND VBAND (1)
Description Ground GSM RF output Ground DCS/PCS RF output Ground Power Control Ground Band Select
Notes: 1. Vband:
EGSM 0.0 to 0.5V DCS/PCS: 2.0 to 2.8V
4
AWT6102M2
Package Outline Drawing Bottom View
5
AWT6102M2
NOTES
6
AWT6102M2
NOTES
7
AWT6102M2
ANADIGICS, Inc. 35 Technology Drive Warren, New Jersey 07059 Tel: (908) 668-5000 Fax: (908) 668-5132 http://www.anadigics.com Mktg@anadigics.com
IMPORTANT NOTICE ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any time without notice. The Advanced Product data sheets and product specifications contained in this data sheet are subject to change prior to a products formal introduction. The information in this data sheet has been carefully checked and is assumed to be reliable. However, ANADIGICS assumes no responsibility for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders. WARNING ANADIGICS products are not intended for use in life support appliances, devices, or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
8


▲Up To Search▲   

 
Price & Availability of AWT6102M2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X